Part Number Hot Search : 
ETC9320 TSH51107 AN144 Y10EL APM9410 EPJ4024 17814 D1853
Product Description
Full Text Search
 

To Download TLE6250GV33NBSP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAN-Transceiver
TLE 6250
Preliminary Data Sheet Features * CAN data transmission rate up to 1 MBaud * Suitable for 12 V and 24 V applications * Excellent EMC performance (very high immunity and very low emission) * Version for 5 V and 3.3 V micro controllers * Bus pins are short circuit proof to ground and battery voltage * Over-temperature protection * Very wide temperature range (- 40C up to 150C) Type TLE 6250 G TLE 6250 C TLE 6250 G V33 TLE 6250 C V33 Description The CAN-transceiver TLE 6250 is a monolithic integrated circuit that is available as bare die as well as in a P-DSO-8-3 package. The IC is optimized for high speed differential mode data transmission in automotive and industrial applications and is compatible to ISO/DIS 11898 (see page 10). It works as an interface between the CAN protocol controller and the physical differential bus in both, 12 V and 24 V systems. There are two versions available: one for 5 V logic and the other one for 3.3 V logic requiring additional supply via the V33V pin. The IC can be set to stand-by mode via an control input. In addition the 5 V-version offers a receive only mode feature to support diagnostic functions. The IC is based on the Smart Power Technology SPT which allows bipolar and CMOS control circuitry in accordance with DMOS power devices existing on the same monolithic circuit. The TLE 6250 is designed to withstand the severe conditions of automotive applications and provides excellent EMC performance.
Data Sheet Version 2.04 1 2000-12-20
P-DSO-8-3
Ordering Code Q67006-A9427 Q67000-A9520 Q67006-A9523 Q67000-A9521
Package P-DSO-8-3 (chip) P-DSO-8-3 (chip)
TLE 6250
TxD
1
8
INH
TxD
1
8
INH
GND
2
7
CANH
GND
2
7
CANH
P-DSO-8-3
VCC 3 6 CANL VCC 3
P-DSO-8-3
6 CANL
RxD
4
5
RM
RxD
4
5
V33V
TLE 6250 G
TLE 6250 GV33
Figure 1
Pin Configuration (top view)
Pin Definitions and Functions Pin No. 1 2 3 4 5 Symbol Function TxD GND VCC RxD RM V33V 6 7 8 CANL CANH INH CAN transmit data input; 20 k pull up, LOW in dominant state Ground; 5 V Supply; CAN receive data output; LOW in dominant state, integrated pull up Receive-only input; (5 V-version), 20 k pull up, set low to activate RxD-only mode 3.3 V logic supply; (3.3 V-version) for applications using 3.3 V microcontroller Low line input; LOW in dominant state High line output; HIGH in dominant state Control input; 20 k pull, set LOW for normal mode
Data Sheet Version 2.04
2
2000-12-20
TLE 6250
Functional Block Diagram
TLE 6250 G
3V CC
CANH CANL
7 6 Output Stage Driver Temp.Protection 1 TxD
Mode Control =
8 5
INH RM
Receiver 4 GND 2 RxD
AEB02922
Figure 2
Block Diagram TLE 6250 G
Data Sheet Version 2.04
3
2000-12-20
TLE 6250
TLE 6250 G V33
3V CC 5V
3.3 V
CANH CANL
7 6 Output Stage Driver Temp.Protection 1 TxD
Mode Control =
8
INH
Receiver 4 GND 2 RxD
AEB02923
Figure 3
Block Diagram TLE 6250 G V33
Data Sheet Version 2.04
4
2000-12-20
TLE 6250
Application Information
INH = 1 INH = 0 and RM = 1
Normal Mode INH = 0 RM = 1
RM = 0
RM = 1
Stand-by Mode INH = 1 RM = 0 / 1
INH = 0 and RM = 0 INH = 1
Receive-only Mode INH = 0 RM = 0
AED02924
Figure 4
Mode State Diagram (5V version)
Both, the TLE 6250 G as well as the TLE 6250 C offer three different operation modes (see Figure 4). In the normal mode the device is able to receive and to transmit messages whereas in the receive-only mode signals at the TxD input are not transmitted to the CAN bus. The receive-only mode can be used for diagnostic purposes as well as to prevent the bus being blocked by a faulty permanent dominant TxD input signal. The stand-by mode is a low power mode that disables both, the receiver as well as the transmit TLE 6250 G V33 and TLE 6250 C V33 the receive only mode feature is not available. The inhibit feature for this versions works in the same way as for the 5V versions. In case the receive-only feature is not used the RM pin has to be left open. When the stand-by mode is not used the INH pin has to be connected to ground level in order to switch the TLE 6250 in normal mode.
Data Sheet Version 2.04
5
2000-12-20
TLE 6250
Electrical Characteristics Absolute Maximum Ratings Parameter Symbol Limit Values min. Voltages Supply voltage 3.3 V supply CAN input voltage (CANH, CANL) Logic voltages at INH, RM, TxD, RxD Electrostatic discharge voltage Temperatures Junction temperature max. Unit Remarks
VCC V33V VCANH/L VI VESD
- 0.3 - 0.3 - 20 - 0.3 -2
6.5 5.5 40
V V V V kV
- 3.3 V version - 0 V < VCC < 5.5 V human body model (100 pF via 1.5 k)
VCC
2
Tj
- 40
160
C
-
Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circuit.
Data Sheet Version 2.04
6
2000-12-20
TLE 6250
Operating Range Parameter Supply voltage 3 V supply voltage Junction temperature Thermal Resistances Junction ambient Symbol Limit Values min. max. 5.5 3.6 150 V V - 3.3 V-version - 4.5 3.0 - 40 Unit Remarks
VCC V33V Tj
C
Rthj-a
-
185
K/W
-
Thermal Shutdown (junction temperature) Thermal shutdown temperature
TjsD
160
200
C
10 C hysteresis
Data Sheet Version 2.04
7
2000-12-20
TLE 6250
Electrical Characteristics 4.5 V < VCC < 5.5 V; (3.0 V < V33V < 3.6 V for 3.3 V version); RL = 60 ; VINH < VINH,ON; - 40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values min. Current Consumption Current consumption Current consumption Current consumption Current consumption Current consumption Current consumption typ. max. Unit Remarks
ICC ICC ICC I33V ICC,stb
- - - - -
6 45 6 - 1 1
10 70 10 2 10 10
mA mA mA mA
recessive state; VTxD = VCC dominant state; VTxD = 0 V receive-only mode; RM = low (3.3 V-version only) stand-by mode; TxD = RM = high stand-by mode TxD = high (3.3 V-version only)
A A
ICC+33V,stb -
Receiver Output RxD HIGH level output current
IRD,H
- -
-4 -1
-2 -
mA mA
VRD = 0.8 x VCC, Vdiff < 0.4 Vnote 1)
3.3 V-version VRD = 0.8 x V33V, Vdiff < 0.4 Vnote 1)
LOW level output current IRD,L
2 1
4 2
- -
mA mA
VRD = 0.2 x VCC, Vdiff > 1 Vnote 1)
3.3 V-version VRD = 0.2 x V33V, Vdiff > 1 Vnote 1)
note1) Vdiff = VCANH - VCANL
Data Sheet Version 2.04
8
2000-12-20
TLE 6250
Electrical Characteristics (cont'd) 4.5 V < VCC < 5.5 V; (3.0 V < V33V < 3.6 V for 3.3 V version); RL = 60 ; VINH < VINH,ON; - 40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values min. Bus Receiver Differential receiver threshold voltage, recessive to dominant edge Differential receiver threshold voltage dominant to recessive edge Differential receiver hysteresis CANH, CANL input resistance Differential input resistance Transmission Input TxD HIGH level input voltage VTD,H threshold - - TxD input hysteresis LOW level input voltage threshold TxD pull up resistance 2.5 1.6 0.5 2.0 1.5 25 3.5 2.4 1 - - 50 V V V V V k recessive state; 5.0 V-version recessive state; 3.3 V-version - dominant state dominant state 3.3 V-version - typ. max. Unit Remarks
Vdiff,d
-
0.75
0.90
V
- 20 V < (VCANH, VCANL) < 25 V Vdiff = VCANH - VCANL - 20 V < (VCANH, VCANL) < 25 V Vdiff = VCANH - VCANL - recessive state recessive state
Vdiff,r
0.50
0.60
-
V
Vdiff,hys Ri Rdiff
- - -
150 20 40
- - -
mV k k
VTD,hys VTD,L
0.1 1.5 0.9
RTD
10
Data Sheet Version 2.04
9
2000-12-20
TLE 6250
Electrical Characteristics (cont'd) 4.5 V < VCC < 5.5 V; (3.0 V < V33V < 3.6 V for 3.3 V version); RL = 60 ; VINH < VINH,ON; - 40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values min. Bus Transmitter CANL/CANH recessive output voltage typ. max. Unit Remarks
VCANL/H
0.4 x -
0.6 x V
VTxD = VCC
(5 V-version) VTxD = V33V (3.3 V-version)
VCC
VCC
CANH, CANL recessive Vdiff output voltage difference Vdiff = VCANH - VCANL
-1
-
0.05
V
VTxD = VCC
(5 V-version) VTxD = V33V (3.3 V-version); no load; (see note 2)
CANL dominant output voltage CANH dominant output voltage
VCANL VCANH
- 2.8 1.5
- - -
2.0 - 3.0
V V V
CANH, CANL dominant Vdiff output voltage difference Vdiff = VCANH - VCANL CANL short circuit current CANH short circuit current CANH short circuit current Output current Output current
VTxD = 0 V; VCC = 5 V VTxD = 0 V; VCC = 5 V VTxD = 0 V; VCC = 5 V VCANLshort = 18 V VCANLshort = 36 V VCANHshort = 0 V VCANHshort = -5 V VCC = 0 V, VCANH = VCANL = -7 V VCC = 0 V, VCANH = VCANL = 7 V
ICANLsc ICANHsc ICANHsc ICANH,lk ICANL,lk ICANH,lk ICANL,lk
50 - -200 - - -
120 150 -120 -120 -300 280
200 - -50 - - -
mA mA mA mA
A A
note 2) deviation from ISO/DIS 11898
Data Sheet Version 2.04
10
2000-12-20
TLE 6250
Electrical Characteristics (cont'd) 4.5 V < VCC < 5.5 V; (3.0 V < V33V < 3.6 V for 3.3 V version); RL = 60 ; VINH < VINH,ON; - 40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values min. Inhibit Input (pin INH) HIGH level input voltage VINH,H threshold - - LOW level input voltage threshold INH pull up resistance Receive only Input (RM) HIGH level input voltage VRM,H threshold LOW level input voltage threshold RM pull up resistance - 1.5 10 2.5 2.0 25 3.5 - 50 V V k normal mode; 5.0 V-version receive-only mode - 2.5 1.6 2.0 1.5 25 3.5 2.4 - - 50 V V V V k stand-by mode; 5.0 V-version stand-by mode; 3.3 V-version normal mode normal mode; 3.3 V-version - typ. max. Unit Remarks
VINH,L
1.5 0.9
RINH
10
VRM,L RRM
Data Sheet Version 2.04
11
2000-12-20
TLE 6250
Electrical Characteristics (cont'd) 4.5 V < VCC < 5.5 V; (3.0 V < V33V < 3.6 V for 3.3 V version); RL = 60 ; VINH < VINH,ON; - 40 C < Tj < 150 C; all voltages with respect to ground; positive current flowing into pin; unless otherwise specified. Parameter Symbol Limit Values min. typ. max. Unit Remarks
Dynamic CAN-Transceiver Characteristics Propagation delay TxD-to-RxD LOW (recessive to dominant) Propagation delay TxD-to-RxD HIGH (dominant to recessive) Propagation delay TxD LOW to bus dominant Propagation delay TxD HIGH to bus recessive Propagation delay bus dominant to RxD LOW Propagation delay bus recessive to RxD HIGH
1)
td(L),TR
-
150
280
ns
td(H),TR
-
150
280
ns
td(L),T
-
100
-
ns
CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V CL = 47 pF; RL = 60 ; VCC = 5 V CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF CL = 47 pF; RL = 60 ; VCC = 5 V; CRxD = 20 pF
td(H),T
-
100
-
ns
td(L),R
-
50
-
ns
td(H),R
-
50
-
ns
Data Sheet Version 2.04
12
2000-12-20
TLE 6250
Diagrams
INH 7
8
INH 7
8
CANH
TxD
1
CANH
TxD
1
47 pF
60 6
RM
5
47 pF
60 6
RxD
4 20 pF
CANL
RxD
4 20 pF
CANL
V3.3V 5 VCC 3
3.3 V 100 nF 5V 100 nF
AES02925
GND 2
VCC 3
5V 100 nF GND 2
Figure 5
Test Circuits for Dynamic Characteristics
Data Sheet Version 2.04
13
2000-12-20
TLE 6250
VTxD VCC
GND
VDIFF
td(L), T
td(H), T
t
VDIFF(d) VDIFF(r) VRxD VCC
0.7VCC 0.3VCC GND
td(L), R
td(H), R
t
td(L), TR
td(H), TR
t
AET02926
Figure 6
Timing Diagrams for Dynamic Characteristics
Data Sheet Version 2.04
14
2000-12-20
TLE 6250
Application
120
TLE 6250 G CAN Bus 7 6 CANH CANL GND 2 RM INH RxD TxD 5 8 4 1 P
VBat
VCC 3
100 nF 100 nF
GND
VI
VQ
e.g. TLE 4270
5V
22 F
100 nF
GND
22 F ECU 1
TLE 6250 G V33 INH RxD 7 6 CANH CANL GND 2 TxD 8 4 1 P 100 nF 100 nF GND
V3.3 V 5 VCC
100 nF
VI
VQ1
e.g. TLE 4476
5V 3.3 V 22 F 22 F ECU X
AES02927
120
22 F
100 nF
GND
VQ2
Figure 7
Application Circuit
15 2000-12-20
Data Sheet Version 2.04
TLE 6250
Package Outlines P-DSO-8-3 (Plastic Dual Small Outline Package)
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information" SMD = Surface Mounted Device Data Sheet Version 2.04 16
Dimensions in mm 2000-12-20
GPS09032
TLE 6250
Edition 2000-12-20 Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81541 Munchen, Germany
(c) Infineon Technologies AG 2000.
All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Data Sheet Version 2.04
17
2000-12-20


▲Up To Search▲   

 
Price & Availability of TLE6250GV33NBSP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X